Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF94JCW Fiches technique(PDF) 75 Page - Advanced Micro Devices

No de pièce AM53CF94JCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94JCW Fiches technique(HTML) 75 Page - Advanced Micro Devices

Back Button AM53CF94JCW Datasheet HTML 68Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 69Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 70Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 71Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 72Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 73Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 74Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 75Page - Advanced Micro Devices AM53CF94JCW Datasheet HTML 76Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
P R E L I M I N A R Y
AMD
75
Am53CF94/Am53CF96
PHYSICAL DIMENSIONS*
PQR100
Plastic Quad Flatpack with Molded Carrier Ring (measured in millimeters)
TOP VIEW
Pin 1 I.D.
19.80
20.10
27.87
28.13
31.37
31.63
35.87
36.13
13.80
14.10
25.20
BSC
27.87
28.13
31.37
31.63
35.50
35.90
35.87
36.13
.65 NOM
.65 Typ
.65 Pitch
.45 Typ
2.00 4.80
1.80
SIDE VIEW
CB 48
6/25/92 SG
0.22
0.38
25.15
25.25
22.15
22.25
35.50
35.90
25.15
25.25
22.15
22.25
30
50
80
100
* For reference only. Not drawn to scale. BSC is an ANSI standard for Basic Space Centering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76