Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF94KC Fiches technique(PDF) 58 Page - Advanced Micro Devices

No de pièce AM53CF94KC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94KC Fiches technique(HTML) 58 Page - Advanced Micro Devices

Back Button AM53CF94KC Datasheet HTML 54Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 55Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 56Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 57Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 58Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 59Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 60Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 61Page - Advanced Micro Devices AM53CF94KC Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
P R E L I M I N A R Y
AMD
58
Am53CF94/Am53CF96
DREQ
DACK
DMA 15–0
DMAP 1–0
RD
115
104
105
116
109
112
106
110
108
114
113
107
117
118
119
17348B-48
Burst DMA Read without Byte Control—Modes 0 and 1
DREQ
DACK
DMA 15–0
DMAP 1–0
DMAWR
115
104
105
116
121
124
120
122
123
125
126
17348B-49
Burst DMA Write without Byte Control—Modes 0 and 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76