Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79761 Fiches technique(PDF) 6 Page - Advanced Micro Devices

No de pièce AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Fiches technique(HTML) 6 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 2Page - Advanced Micro Devices AM79761 Datasheet HTML 3Page - Advanced Micro Devices AM79761 Datasheet HTML 4Page - Advanced Micro Devices AM79761 Datasheet HTML 5Page - Advanced Micro Devices AM79761 Datasheet HTML 6Page - Advanced Micro Devices AM79761 Datasheet HTML 7Page - Advanced Micro Devices AM79761 Datasheet HTML 8Page - Advanced Micro Devices AM79761 Datasheet HTML 9Page - Advanced Micro Devices AM79761 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Am79761
PRELIMINARY
PIN DESIGNATION
Listed by Pin Number
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
DVSS
17
N/C
33
DVSS_T
49
N/C
2
TXD0
18
TEST1
34
RXD9
50
DVDD
3
TXD1
19
EWRAP
35
RXD8
51
DVSS
4
TXD2
20
TEST2
36
RXD7
52
RX-
5
DVDD
21
DVSS
37
DVDD_T
53
DVDD_P
6
TXD3
22
REFCLK
38
RXD6
54
RX+
7
TXD4
23
TEST3
39
RXD5
55
DVDD
8
TXD5
24
EN_CDET
40
RXD4
56
DVSS
9
TXD6
25
DVSS
41
RXD3
57
AVDD
10
DVDD
26
TEST4
42
DVDD_T
58
AVSS
11
TXD7
27
N/C
43
RXD2
59
DVDD
12
TXD8
28
DVDD
44
RXD1
60
DVDD_P
13
TXD9
29
DVDD_T
45
RXD0
61
TX-
14
DVSS
30
RCLKN
46
DVSS_T
62
TX+
15
DVSS
31
RCLK
47
COM_DET
63
DVDD_P
16
N/C
32
DVSS_T
48
N/C
64
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20