Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53CF96JC Fiches technique(PDF) 72 Page - Advanced Micro Devices

No de pièce AM53CF96JC
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96JC Fiches technique(HTML) 72 Page - Advanced Micro Devices

Back Button AM53CF96JC Datasheet HTML 68Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 69Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 70Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 71Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 72Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 73Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 74Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 75Page - Advanced Micro Devices AM53CF96JC Datasheet HTML 76Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
P R E L I M I N A R Y
AMD
72
Am53CF94/Am53CF96
APPENDIX B
Emulex to AMD Timing Parameters Cross Reference
AMD
Parameter #
Clock Input, Reset Input,
Interrupt Output:
12
24
31
45
57
69
Register Interface Timing:
110
211
333
434
532
635
743
819
9
12, 37
10
14, 39
11
16, 41
12
20
13
13, 36
14
15, 38
15
21, 46 (min)
22, 47 (max)
16
18, 40 (min)
17, 42 (max)
17
23, 48
18
24, 49
19
26, 53
20
27
21
28
22
51
23
25, 50
24
29, 52
25
31, 57
26
30, 54
AMD
Parameter #
DMA Interface Timing:
1
58, 76
2
62, 87
3
64, 89
4
60, 78
5
59, 77
6
63, 88
780
883
979
10
81
11
84
12
None
13
61, 91
14
82
15
66, 92 (min)
65, 93 (max)
16
86 (min)
85 (max)
17
95
18
98
19
68, 94
20
69, 96
21
71, 99
22
72, 100
23
70, 97
24
73,101
25
74, 103
26
75, 102
Alternate DMA Interface
Timing:
1
104, 127, 154
2
115, 138, 157
3
116, 139, 158
4
105, 128, 155
5
129
6
134
7
106, 130
8
110, 133
9
107, 140
10
112, 135
11
109, 132
12
None
13
117, 142, 156
14
108, 131
AMD
Parameter #
Alternate DMA Interface
Timing: (Continued)
15
118, 143,
160 (min)
119, 144,
159 (max)
16
114, 137 (min)
113, 136 (max)
17
146
18
149
19
120, 145, 162
20
122, 148, 163
21
126, 153, 165
22
124, 150, 168
23
121, 147, 166
24
123, 152, 164
25
125, 151, 167
Asynchronous Timing:
1
179, 181
2
180, 182
3
171, 173
4
172, 174
5 (REQON)
177
5 (ACKON)
169
6 (REQIN)
170
6 (ACKIN)
178
7 (REQIN)
175
7 (ACKIN)
183
8 (REQIN)
176
8 (ACKIN)
184
Synchronous Timing:
1
186
2
187
3
185
4
188
5
189
6
190
7
189
8
190
9
191
10
192
Emulex
Parameter #
Emulex
Parameter #
Emulex
Parameter #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76