| Moteur de recherche de fiches techniques de composants électroniques |
|
EE-SX913P-R Fiches technique(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
EE-SX913P-R Fiches technique(HTML) 7 Page - Omron Electronics LLC |
|
7 / 9 page ![]() EE-SX91 7 ● Other Precautions • Do not disconnect the Connector from the Sensor when power is supplied to the Sensor, or Sensor damage could result. • Do not install the Sensor in the following places to prevent malfunction or trouble: 1. Places exposed to dust or oil mist 2. Places exposed to corrosive gas 3. Places directly or indirectly exposed to water, oil, or chemicals 4. Outdoor or places exposed to intensive light, such as direct sunlight • Be sure to use the Sensor under the rated ambient temperature. • The Sensor may be dissolved by exposure to organic solvents, acids, alkali, or aromatic hydrocarbons, aliphatic chloride hydrocarbons causing deterioration in characteristics. Do not expose the Sensor to such chemicals. • Make sure the total length of the power cable connected to the product is less than 10 m. |