Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F080B-90FCB Fiches technique(PDF) 20 Page - Advanced Micro Devices

No de pièce AM29F080B-90FCB
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-90FCB Fiches technique(HTML) 20 Page - Advanced Micro Devices

Back Button AM29F080B-90FCB Datasheet HTML 16Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 17Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 18Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 19Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 20Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 21Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 22Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 23Page - Advanced Micro Devices AM29F080B-90FCB Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
Am29F080B
P R E L I M I NARY
Table 6.
Write Operation Status
Notes:
1. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
2. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.
See “DQ5: Exceeded Timing Limits” for more information.
Operation
DQ7
(Note 1)
DQ6
DQ5
(Note 2)
DQ3
DQ2
(Note 1)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase
Suspend
Mode
Reading within Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
1
Reading within Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
1
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37