| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F080B-75FCB Fiches technique(PDF) 6 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-75FCB Fiches technique(HTML) 6 Page - Advanced Micro Devices |
|
6 / 37 page ![]() 6 Am29F080B P R E L I M I NARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be support- ed in volume for this device. Consult the local AMD sales of- fice to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29F080B 8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory 5.0 V Read, Program, and Erase Am29F080B -75 E I OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In Contact an AMD representative for more information. TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I= Industrial (–40 °C to +85°C) PACKAGE TYPE E = 40-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 040) F = 40-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR040) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION See Product Selector Guide and Valid Combinations Valid Combinations Am29F080B-75 EC, EI, FC, FI, SC, SI Am29F080B-90 EC, EI, EE, FC, FI, FE, SC, SI, SE Am29F080B-120 Am29F080B-150 |