| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F100B-70SC Fiches technique(PDF) 23 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F100B-70SC Fiches technique(HTML) 23 Page - Advanced Micro Devices |
|
23 / 36 page ![]() Am29F100 23 TEST CONDITIONS Table 7. Test Specifications KEY TO SWITCHING WAVEFORMS 2.7 k Ω CL 6.2 k Ω 5.0 V Device Under Test 18926C-13 Figure 8. Test Setup Note: Diodes are IN3064 or equivalent Test Condition -70 All others Unit Output Load 1 TTL gate Output Load Capacitance, CL (including jig capacitance) 30 100 pF Input Rise and Fall Times 5 20 ns Input Pulse Levels 0.0–3.0 0.45–2.4 V Input timing measurement reference levels 1.5 0.8 V Output timing measurement reference levels 1.5 2.0 V KS000010-PAL WAVEFORM INPUTS OUTPUTS Steady Changing from H to L Changing from L to H Don’t Care, Any Change Permitted Changing, State Unknown Does Not Apply Center Line is High Impedance State (High Z) |