Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847CMB Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BC847CMB
Description  45 V, 100 mA NPN general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC847CMB Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BC847CMB Datasheet HTML 2Page - NXP Semiconductors BC847CMB Datasheet HTML 3Page - NXP Semiconductors BC847CMB Datasheet HTML 4Page - NXP Semiconductors BC847CMB Datasheet HTML 5Page - NXP Semiconductors BC847CMB Datasheet HTML 6Page - NXP Semiconductors BC847CMB Datasheet HTML 7Page - NXP Semiconductors BC847CMB Datasheet HTML 8Page - NXP Semiconductors BC847CMB Datasheet HTML 9Page - NXP Semiconductors BC847CMB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BC847XMB_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 5 March 2012
6 of 14
NXP Semiconductors
BC847xMB series
45 V, 100 mA NPN general-purpose transistors
VCE =5V
(1) Tamb = 150 C
(2) Tamb =25 C
(3) Tamb = 55 C
VCE =5V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 150 C
Fig 3.
BC847AMB: DC current gain as a function of
collector current; typical values
Fig 4.
BC847AMB: Base-emitter voltage as a function
of collector current; typical values
IC/IB =20
(1) Tamb = 150 C
(2) Tamb =25 C
(3) Tamb = 55 C
IC/IB =10
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 150 C
Fig 5.
BC847AMB: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 6.
BC847AMB: Base-emitter saturation voltage
as a function of collector current; typical
values
mgt723
10−1
110
102
103
IC (mA)
0
400
300
200
100
hFE
(1)
(2)
(3)
mgt724
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
VBE
(mV)
(1)
(2)
(3)
103
102
10
mgt725
10−1
110
102
103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
mgt726
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
VBEsat
(mV)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com