| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F080B-90FC Fiches technique(PDF) 26 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-90FC Fiches technique(HTML) 26 Page - Advanced Micro Devices |
|
26 / 37 page ![]() 26 Am29F080B P R E L I M I NARY AC CHARACTERISTICS Erase and Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Parameter Description Speed Options Unit JEDEC Std. -75 -90 -120 -150 tAVAV tWC Write Cycle Time (Note 1) Min 70 90 120 150 ns tAVWL tAS Address Setup Time Min 0 ns tWLAX tAH Address Hold Time Min 40 45 50 50 ns tDVWH tDS Data Setup Time Min 40 45 50 50 ns tWHDX tDH Data Hold Time Min 0 ns tOES Output Enable Setup Time Min 0 ns tGHWL tGHWL Read Recover Time Before Write (OE# high to WE# low) Min 0 ns tELWL tCS CE# Setup Time Min 0 ns tWHEH tCH CE# Hold Time Min 0 ns tWLWH tWP Write Pulse Width Min 40 45 50 50 ns tWHWL tWPH Write Pulse Width High Min 20 ns tWHWH1 tWHWH1 Byte Programming Operation (Note 2) Typ 7 µs tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 1 sec tVCS VCC Set Up Time (Note 1) Min 50 µs tBUSY WE# to RY/BY# Valid Min 40 40 50 60 ns |