| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F040-120JC Fiches technique(PDF) 29 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F040-120JC Fiches technique(HTML) 29 Page - Advanced Micro Devices |
|
29 / 33 page ![]() Am29F040 29 PLCC PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. PDIP PIN CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25°C, f = 1.0 MHz. Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 4 6 pF COUT Output Capacitance VOUT = 0 8 12 pF CIN2 Control Pin Capacitance VPP = 0 8 12 pF Parameter Symbol Parameter Description Test Setup Typ Max Unit CIN Input Capacitance VIN = 0 4 6 pF COUT Output Capacitance VOUT = 0 8 12 pF CIN2 Control Pin Capacitance VPP = 0 8 12 pF |