Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F400AT Fiches technique(PDF) 28 Page - Advanced Micro Devices

No de pièce AM29F400AT
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AT Fiches technique(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F400AT Datasheet HTML 24Page - Advanced Micro Devices AM29F400AT Datasheet HTML 25Page - Advanced Micro Devices AM29F400AT Datasheet HTML 26Page - Advanced Micro Devices AM29F400AT Datasheet HTML 27Page - Advanced Micro Devices AM29F400AT Datasheet HTML 28Page - Advanced Micro Devices AM29F400AT Datasheet HTML 29Page - Advanced Micro Devices AM29F400AT Datasheet HTML 30Page - Advanced Micro Devices AM29F400AT Datasheet HTML 31Page - Advanced Micro Devices AM29F400AT Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
Am29F400AT/Am29F400AB
PRELIMINARY
SWITCHING WAVEFORMS
Note:
*DQ7=Valid Data (The device has completed the Embedded operation).
Figure 11.
AC Waveforms for Data Polling During Embedded Algorithm Operations
Note:
*DQ6 stops toggling (The device has completed the Embedded operation).
Figure 12.
AC Waveforms for Toggle Bit During Embedded Algorithm Operations
DQ0-DQ6
Valid Data
tOE
DQ7=
Valid Data
High Z
CE
OE
WE
DQ7
DQ7
DQ0-DQ6
DQ0-DQ6=Invalid
*
20380B-18
tOEH
tCE
tCH
tDF
tOH
tWHWH 1 or 2
CE
tOEH
WE
OE
DQ6=
Stop Toggling
DQ0-DQ7
Valid
DQ6=Toggle
DQ6=Toggle
Data
(DQ0-DQ7)
*
tOE
20380B-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35