Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F080B-75FC Fiches technique(PDF) 30 Page - Advanced Micro Devices

No de pièce AM29F080B-75FC
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-75FC Fiches technique(HTML) 30 Page - Advanced Micro Devices

Back Button AM29F080B-75FC Datasheet HTML 26Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 27Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 28Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 29Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 30Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 31Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 32Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 33Page - Advanced Micro Devices AM29F080B-75FC Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
30
Am29F080B
P R E L I M I NARY
AC CHARACTERISTICS
Temporary Sector Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
JEDEC
Std.
Description
Unit
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
tRSP
RESET# Setup Time for Temporary Sector
Unprotect
Min
4
µs
Note: The system may use OE# or CE# to toggle DQ2 and DQ6. DQ2 must be read at an address within the erase-suspended
sector.
21503C-20
Figure 15.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing
RESET#
tVIDR
12 V
0 or 5 V
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
0 or 5 V
21503C-21
Figure 16.
Temporary Sector Group Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37