| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F080B-150EC Fiches technique(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F080B-150EC Fiches technique(HTML) 31 Page - Advanced Micro Devices |
|
31 / 37 page ![]() Am29F080B 31 P R E L I M I NARY AC CHARACTERISTICS Erase and Program Operations Alternate CE# Controlled Writes Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Symbol Parameter Description Speed Options Unit JEDEC Standard -75 -90 -120 -150 tAVAV tWC Write Cycle Time (Note 1) Min 70 90 120 150 ns tAVEL tAS Address Setup Time Min 0 ns tELAX tAH Address Hold Time Min 40 45 50 50 ns tDVEH tDS Data Setup Time Min 40 45 50 50 ns tEHDX tDH Data Hold Time Min 0 ns tGHEL tGHEL Read Recover Time Before Write Min 0 ns tWLEL tWS CE# Setup Time Min 0 ns tEHWH tWH CE# Hold Time Min 0 ns tELEH tCP Write Pulse Width Min 40 45 50 50 ns tEHEL tCPH Write Pulse Width High Min 20 ns tWHWH1 tWHWH1 Byte Programming Operation (Note 2) Typ 7 µs tWHWH2 tWHWH2 Sector Erase Operation (Note 2) Typ 1 sec |