Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL800BB70SC Fiches technique(PDF) 34 Page - Advanced Micro Devices

No de pièce AM29DL800BB70SC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BB70SC Fiches technique(HTML) 34 Page - Advanced Micro Devices

Back Button AM29DL800BB70SC Datasheet HTML 30Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 31Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 32Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 33Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 34Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 35Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 36Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 37Page - Advanced Micro Devices AM29DL800BB70SC Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
34
Am29DL800B
P R E L I M I NARY
AC CHARACTERISTICS
OE#
CE#
WE#
Addresses
tOEH
tDH
tAHT
tASO
tOEPH
tOE
Valid Data
(first read)
(second read)
(stops toggling)
tCEPH
tAHT
tAS
DQ6/DQ2
Valid Data
Valid
Status
Valid
Status
Valid
Status
RY/BY#
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read
cycle, and array data read cycle
21519A-25
Figure 21.
Toggle Bit Timings (During Embedded Algorithms)
Note: DQ2 toggles only when read at an address within an erase-suspended sector. The system may use OE# or CE# to toggle
DQ2 and DQ6.
21519A-26
Figure 22.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43