| Moteur de recherche de fiches techniques de composants électroniques |
|
ECJ2VB2D152 Fiches technique(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECJ2VB2D152 Fiches technique(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 4 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(100V, 200V Series) – EC32 – EC J 3 F B 2A4 7 3K Rated Voltage Code Nominal Capacitance Size Code (Example) Capacitance Tolerance Code 123456789 10 11 12 Packaging Style Code Product Code (ECJ:Multilayer Ceramic Chip Capacitors) Temperature Characteristic Code 5 4 3 2 1 L T W L1 L2 Multilayer Ceramic Capacitors (100V, 200V Series) Series: ECJ ■ Features ● Small size and wide capacitance range ● High humidity resistance and long life ● Low inductance (ESL) and excellent frequency characteristics ● RoHS compliant ■ Recommended Applications ● Noise limiting, coupling, time constant and oscillation circuitry ■ Handling Precautions See Page 48 to 53 ■ Packaging Specifications See Page 45, 46, 56 ■ Explanation of Part Numbers ■ Construction ■ Dimensions in mm (not to scale) Size Code Size (EIA) L W T L1, L2 1 0603 1.6±0.1 0.8±0.1 0.8±0.1 0.3±0.2 2 0805 2.0±0.1 1.25±0.10 0.85±0.10 0.50±0.25 1.25±0.10 31206 3.20±0.15 1.60±0.15 0.85±0.10 0.6±0.3 1.15±0.10 3.2±0.2 1.6±0.2 1.6±0.2 41210 3.2±0.3 2.5±0.3 2.0±0.2 0.6±0.3 2.5±0.3 ■ Packaging Styles and Standard Packaging Quantities Packaging Style Code Size Thickness (mm) Packaging Styles 0603 0805 1206 1210 T=0.8 T=0.85 T=1.25T=0.85 T=1.15 T=1.6 T=2.0 T=2.5 V φ180 reel Paper taping (Pitch: 4 mm) 4,000 4,000 — 4,000 — — — — F Embossed taping (Pitch: 4 mm) —— 3,000 — 3,000 — — — Y— — — —— 2,000 2,000 1,000 No Name 1 Ceramic dielectric 2 Internal electrode 3 Terminal electrode Substrate electrode 4 Intermediate electrode 5 External electrode Quantity : pcs./reel 00 Sep. 2008 |
Numéro de pièce similaire - ECJ2VB2D152 |
|
Description similaire - ECJ2VB2D152 |