Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F040B-1 Fiches technique(PDF) 31 Page - Advanced Micro Devices

No de pièce AM29F040B-1
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-1 Fiches technique(HTML) 31 Page - Advanced Micro Devices

Back Button AM29F040B-1 Datasheet HTML 27Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 28Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 29Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 30Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 31Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 32Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 33Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 34Page - Advanced Micro Devices AM29F040B-1 Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Am29F040B
31
PHYSICAL DIMENSIONS
PD 032—32-Pin Plastic DIP
Dwg rev AD; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35