Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9549 Fiches technique(PDF) 47 Page - Analog Devices

No de pièce AD9549
Description  Dual Input Network Clock Generator/Synchronizer
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9549 Fiches technique(HTML) 47 Page - Analog Devices

Back Button AD9549 Datasheet HTML 43Page - Analog Devices AD9549 Datasheet HTML 44Page - Analog Devices AD9549 Datasheet HTML 45Page - Analog Devices AD9549 Datasheet HTML 46Page - Analog Devices AD9549 Datasheet HTML 47Page - Analog Devices AD9549 Datasheet HTML 48Page - Analog Devices AD9549 Datasheet HTML 49Page - Analog Devices AD9549 Datasheet HTML 50Page - Analog Devices AD9549 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
AD9549
Rev. D | Page 47 of 76
CSB
SCLK
SDIO
tHI
tLO
tCLK
tS
tDS
tDH
tH
BIT N
BIT N + 1
Figure 58. Serial Control Port Timing—Write
Table 12. Definitions of Terms Used in Serial Control Port Timing Diagrams
Parameter
Description
t
CLK
Period of SCLK
t
DV
Read data valid time (time from falling edge of SCLK to valid data on SDIO/SDO)
t
DS
Setup time between data and rising edge of SCLK
t
DH
Hold time between data and rising edge of SCLK
t
S
Setup time between CSB and SCLK
t
H
Hold time between CSB and SCLK
t
HI
Minimum period that SCLK should be in a logic high state
t
LO
Minimum period that SCLK should be in a logic low state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76