| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9549ABCPZ Fiches technique(PDF) 67 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9549ABCPZ Fiches technique(HTML) 67 Page - Analog Devices |
|
67 / 76 page ![]() AD9549 Rev. D | Page 67 of 76 Register 0x0314—Phase Lock Table 88. Bits Bit Name Description [7:0] Phase lock threshold See the Phase Lock Detection section. Register 0x0315—Phase Lock (Continued) Table 89. Bits Bit Name Description [15:8] Phase lock threshold See the Phase Lock Detection section. Register 0x0316—Phase Lock (Continued) Table 90. Bits Bit Name Description [23:16] Phase lock threshold See the Phase Lock Detection section. Register 0x0317—Phase Lock (Continued) Table 91. Bits Bit Name Description [31:24] Phase lock threshold See the Phase Lock Detection section. Register 0x0318—Phase Lock (Continued) Table 92. Bits Bit Name Description [7:5] Phase unlock watchdog timer See the Phase Lock Detection section. [4:0] Phase lock watchdog timer See the Phase Lock Detection section. Register 0x0319—Frequency Lock Table 93. Bits Bit Name Description [7:0] Frequency lock threshold See the Frequency Lock Detection section Register 0x031A—Frequency Lock (Continued) Table 94. Bits Bit Name Description [15:8] Frequency lock threshold See the Frequency Lock Detection section Register 0x031B—Frequency Lock (Continued Table 95. Bits Bit Name Description [31:16] Frequency lock threshold See the Frequency Lock Detection section Register 0x031C—Frequency Lock (Continued Table 96. Bits Bit Name Description [39:32] Frequency lock threshold See the Frequency Lock Detection section Register 0x031D—Frequency Lock (Continued) Table 97. Bits Bit Name Description [7:5] Frequency unlock watchdog timer See the Frequency Lock Detection section. [4:0] Frequency lock watchdog timer See the Frequency Lock Detection section. |