Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD6645 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD6645 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices AD6645 Datasheet HTML 10Page - Analog Devices AD6645 Datasheet HTML 11Page - Analog Devices AD6645 Datasheet HTML 12Page - Analog Devices AD6645 Datasheet HTML 13Page - Analog Devices AD6645 Datasheet HTML 14Page - Analog Devices AD6645 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD6645
Rev. D | Page 11 of 24
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 80MSPS
AIN = 30.5MHz,
31.5MHz (–7dBFS)
NO DITHER
5
0
10152025303540
Figure 16. Two-Tone SFDR @ 30.5 MHz and 31.5 MHz
INPUT POWER LEVEL (F1 = F2 dBFS)
0
10
20
30
40
50
60
70
80
90
100
110
dBc
dBFS
SFDR = 90dB
REFERENCE LINE
ENCODE = 80MSPS
F1 = 30.5MHz
F2 = 31.5MHz
–77
–67
–57
–47
–37
–27
–17
–7
Figure 17. Two-Tone SFDR @ 30.5 MHz and 31.5 MHz
ENCODE FREQUENCY (MHz)
65
70
80
90
WORST SPUR @ AIN = 2.2MHz
SNR @ AIN = 2.2MHz
75
85
95
100
15
30
45
60
75
90
105
Figure 18. SNR, Worst-Case Spurious vs. Encode @ 2.2 MHz
FREQUENCY (MHz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 80MSPS
AIN = 55.25MHz,
56.25MHz (–7dBFS)
NO DITHER
5
0
101520
25303540
Figure 19. Two-Tone SFDR @ 55.25 MHz and 56.25 MHz
INPUT POWER LEVEL (F1 = F2 dBFS)
0
10
20
30
40
50
60
70
80
90
100
110
dBc
dBFS
SFDR = 90dB
REFERENCE LINE
ENCODE = 80MSPS
F1 = 55.25MHz
F2 = 56.25MHz
–77
–67
–57
–47
–37
–27
–17
–7
Figure 20. Two-Tone SFDR @ 55.25 MHz and 56.25 MHz
ENCODE FREQUENCY (MHz)
65
70
80
90
WORST SPUR @ AIN = 69.1MHz
SNR @ AIN = 69.1MHz
75
85
95
15
30
45
60
75
90
105
Figure 21. SNR, Worst-Case Spurious vs. Encode @ 69.1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com