Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM28F256 Fiches technique(PDF) 35 Page - Advanced Micro Devices

No de pièce AM28F256
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256 Fiches technique(HTML) 35 Page - Advanced Micro Devices

Back Button AM28F256 Datasheet HTML 27Page - Advanced Micro Devices AM28F256 Datasheet HTML 28Page - Advanced Micro Devices AM28F256 Datasheet HTML 29Page - Advanced Micro Devices AM28F256 Datasheet HTML 30Page - Advanced Micro Devices AM28F256 Datasheet HTML 31Page - Advanced Micro Devices AM28F256 Datasheet HTML 32Page - Advanced Micro Devices AM28F256 Datasheet HTML 33Page - Advanced Micro Devices AM28F256 Datasheet HTML 34Page - Advanced Micro Devices AM28F256 Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Am28F256
35
DATA SHEET REVISION SUMMARY FOR
AM28F256
Revision G
Deleted -75, -95, and -250 speed options. Matched for-
matting to other current data sheets.
Revision G+1
Figure 3, Flashrite Programming Algorithm: Moved end
of arrow originating from Increment Address box so
that it points to the PLSCNT = 0 box, not the Write Pro-
gram Verify Command box. This is a correction to the
diagram on page 6-189 of the 1998 Flash Memory
Data Book.
Revision G+2
Programming In A PROM Programmer:
Deleted the paragraph “(Refer to the AUTO SELECT
paragraph in the ERASE, PROGRAM, and READ
MODE section for programming the Flash memory de-
vice in-system).”
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35