Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM28F010A Fiches technique(PDF) 15 Page - Advanced Micro Devices

No de pièce AM28F010A
Description  1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F010A Fiches technique(HTML) 15 Page - Advanced Micro Devices

Back Button AM28F010A Datasheet HTML 11Page - Advanced Micro Devices AM28F010A Datasheet HTML 12Page - Advanced Micro Devices AM28F010A Datasheet HTML 13Page - Advanced Micro Devices AM28F010A Datasheet HTML 14Page - Advanced Micro Devices AM28F010A Datasheet HTML 15Page - Advanced Micro Devices AM28F010A Datasheet HTML 16Page - Advanced Micro Devices AM28F010A Datasheet HTML 17Page - Advanced Micro Devices AM28F010A Datasheet HTML 18Page - Advanced Micro Devices AM28F010A Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Am28F010A
15
tCH
tOEH
tOE
tCE
tWHWH 3 or 4
DQ7#
DQ7 =
Valid Data
High Z
CE#
OE#
WE#
DQ7
tOH
tDF
DQ0–DQ6 = Invalid
DQ0–DQ6
DQ0–DQ7
Valid Data
*
16778D-9
*DQ7 = Valid Data (The device has completed the Embedded operation.)
Figure 4.
AC Waveforms for Data# Polling during Embedded Algorithm Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35