Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A018103 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce A018103
Description  ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

A018103 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  A018103 Datasheet HTML 1Page - List of Unclassifed Manufacturers A018103 Datasheet HTML 2Page - List of Unclassifed Manufacturers A018103 Datasheet HTML 3Page - List of Unclassifed Manufacturers A018103 Datasheet HTML 4Page - List of Unclassifed Manufacturers A018103 Datasheet HTML 5Page - List of Unclassifed Manufacturers A018103 Datasheet HTML 6Page - List of Unclassifed Manufacturers A018103 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.apem.com
(.020)
(.709)
(.110)
(.709)
0.50
18.00
2.80
18.00
C
D
OPTION : SP3 VERSION
3
1
2
•ProminentØ24mm(.944)oroptionalØ40mm(1.575)dia.mushroomactuators
•Momentaryandmaintainedfunctions.Momentaryfunctionversionsareunmarked,
maintainedfunctionversionsaretwistrelease(arrowsindicatedirectionoftwist)
•Variouscolouredmushroomactuatorsareavailable
A01 SERIES
MUSHROOM HEAD PUSHBUTTON SWITCHES
Panel cut‑out Ø16 (.630)
1
2
12
Actuator
Description
PartNo
24mmØ
BlackMomentary
A01MMA
24mmØ
RedMomentary
A01MMB
24mmØ
YellowMomentary
A01MMD
24mmØ
GreenMomentary
A01MME
24mmØ
BlueMomentary
A01MMF
24mmØ
BlackMaintained
A01MXA
24mmØ
RedMaintained
A01MXB
24mmØ
YellowMaintained
A01MXD
24mmØ
GreenMaintained
A01MXE
24mmØ
BlueMaintained
A01MXF
40mmØ
BlackMomentary
A01MMASP3
40mmØ
RedMomentary
A01MMBSP3
40mmØ
YellowMomentary
A01MMDSP3
40mmØ
GreenMomentary
A01MMESP3
40mmØ
BlueMomentary
A01MMFSP3
40mmØ
BlackMaintained
A01MXASP3
40mmØ
RedMaintained
A01MXBSP3
40mmØ
YellowMaintained
A01MXDSP3
40mmØ
GreenMaintained
A01MXESP3
40mmØ
BlueMaintained
A01MXFSP3
Noofpoles
PartNo
Singlepole
A0151B
Doublepole
A0152B
Threepole
A0155B
Fourpole
A0153B
Operator
Switch block



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com