Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1272A Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce TC1272A
Description  3-Pin Reset Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1272A Fiches technique(HTML) 6 Page - Microchip Technology

Back Button TC1272A Datasheet HTML 2Page - Microchip Technology TC1272A Datasheet HTML 3Page - Microchip Technology TC1272A Datasheet HTML 4Page - Microchip Technology TC1272A Datasheet HTML 5Page - Microchip Technology TC1272A Datasheet HTML 6Page - Microchip Technology TC1272A Datasheet HTML 7Page - Microchip Technology TC1272A Datasheet HTML 8Page - Microchip Technology TC1272A Datasheet HTML 9Page - Microchip Technology TC1272A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC1272A
DS21877A-page 6
 2004 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Part Number
SOT-23
TC1272AZVNBTR
BA
TC1272ARVNBTR
BB
TC1272ASVNBTR
BC
TC1272ATVNBTR
BD
TC1272AJVNBTR
BE
TC1272AMVNBTR
BF
TC1272ALVNBTR
BG
Legend:
1
Part Number + temperature range and voltage (two-digit code)
2
Part Number + temperature range and voltage (two-digit code)
3
Lot ID number
4
Year and work week
5
Year and work week
6
Year and work week
Note:
In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line thus limiting the number of available characters for customer
specific information.
3-Pin SOT-23B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12