Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC53N2802ETR Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce TC53N2802ETR
Description  Voltage Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC53N2802ETR Fiches technique(HTML) 7 Page - Microchip Technology

Back Button TC53N2802ETR Datasheet HTML 2Page - Microchip Technology TC53N2802ETR Datasheet HTML 3Page - Microchip Technology TC53N2802ETR Datasheet HTML 4Page - Microchip Technology TC53N2802ETR Datasheet HTML 5Page - Microchip Technology TC53N2802ETR Datasheet HTML 6Page - Microchip Technology TC53N2802ETR Datasheet HTML 7Page - Microchip Technology TC53N2802ETR Datasheet HTML 8Page - Microchip Technology TC53N2802ETR Datasheet HTML 9Page - Microchip Technology TC53N2802ETR Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
 2002 Microchip Technology Inc.
DS21432C-page7
TC53
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART CODE
TC53
X
XX
02 ECX
XX
Output Configuration:
N = NMOS
C = CMOS
Detected Voltage:
Ex: 18 = 1.8V
Ex: 28 = 2.8V
Ex: 30 = 3.0V
Tolerance:
02 = ±2%
Temperature/Package:
E: -40°C to +85°C
CT: 5-Pin SOT23A Package
Taping Direction:
TR: Standard Taping
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10