| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24HJ128GP310 Fiches technique(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ128GP310 Fiches technique(HTML) 18 Page - Microchip Technology |
|
18 / 286 page ![]() PIC24HJXXXGPX06/X08/X10 DS70175F-page 16 © 2007 Microchip Technology Inc. FIGURE 2-1: PIC24HJXXXGPX06/X08/X10 CPU CORE BLOCK DIAGRAM Instruction Decode & Control PCH PCL Program Counter 16-bit ALU 24 23 Instruction Reg PCU 16 x 16 W Register Array ROM Latch EA MUX Interrupt Controller Stack Control Logic Loop Control Logic Control Signals to Various Blocks Address Bus 16 16 16 To Peripheral Modules Data Latch Address Latch 16 X RAM Address Generator Units X Data Bus DMA Controller DMA RAM 17 x 17 Divide Support 16 16 23 23 16 8 PSV & Table Data Access Control Block 16 16 16 Program Memory Data Latch Address Latch Multiplier |