Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24HJ128GP310 Fiches technique(PDF) 205 Page - Microchip Technology

No de pièce PIC24HJ128GP310
Description  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Fiches technique(HTML) 205 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 201Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 202Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 203Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 204Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 205Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 206Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 207Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 208Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 203
PIC24HJXXXGPX06/X08/X10
FIGURE 19-2:
ADC2 MODULE BLOCK DIAGRAM(1)
S/H
+
-
Conversion
Conversion Logic
VREF+(2)
AVSS
AVDD
ADC2
16-bit
ADC Output
00000
00101
00111
01001
11110
11111
00001
00010
00011
00100
00110
01000
01010
01011
AN14
AN15
AN8
AN9
AN10
AN11
AN2
AN4
AN7
AN0
AN3
AN1
AN5
CH1(3)
CH2(3)
CH3(3)
CH0
AN5
AN2
AN11
AN8
VREF-
AN4
AN1
AN10
AN7
VREF-
AN3
AN0
AN9
AN6
VREF-
AN1
VREF-
VREF-(2)
Sample/Sequence
Control
Sample
CH1,CH2,
CH3,CH0
Input MUX
Control
Input
Switches
S/H
+
-
S/H
+
-
S/H
+
-
AN6
Buffer
Result
Note 1:
On devices with two ADC modules, AN0-AN15 can be read by either ADC1, ADC2 or both ADCs.
2:
VREF+, VREF- inputs may be multiplexed with other analog inputs. See device data sheet for details.
3:
Channels 1, 2 and 3 are not applicable for the 12-bit mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More