Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS2002C Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TDS2002C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2002C Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TDS2002C Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2002C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
See all the details other oscilloscopes might miss with Tektronix proprietary digital real-
time sampling.
Quickly perform an FFT with the advanced math functions.
Designed to make your work easy
The TDS2000C Series oscilloscopes are designed with the ease of use and
familiar operation you have come to expect from Tektronix.
Intuitive operation
The intuitive user interface with dedicated per-channel vertical controls,
auto-setup, and auto-ranging makes these instruments easy to use,
reducing learning time and increasing efficiency.
Help when you need it
The built-in Help menu provides you with important information on your
oscilloscope's features and functions. Help is provided in the same
languages as the user interface.
The context-sensitive Help system provides important information specific to the task you
are working on.
Probe check wizard
Check out your probe compensation before making measurements with just
one button that starts a fast, easy procedure.
Limit test
The oscilloscope can automatically monitor source signals and output Pass
or Fail results by judging whether the input waveform is within predefined
boundaries. Specific actions can be triggered on violation including stopping
waveform acquisition, stopping Limit Test functions, saving the failed
waveform data or screen image to a USB memory device, or any
combination of the above. This is an ideal solution for manufacturing or
service applications where you need to make decisions quickly.
Datasheet
2 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12