Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCP303 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TCP303
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TCP303 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TCP303 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCP303 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Quickly and easily capture waveforms
To simplify integration with your existing curriculum, the TBS1000 also
includes an Education Resource CD filled with tools to help your students
master the use of an oscilloscope. The TBS1000 offers the tools and
performance you need at a price you can afford.
Critical tools for troubleshooting your device
Advanced triggers - rising/falling edge, pulse width, and video - help you
quickly isolate your signals of interest. Once you've captured a signal,
advanced math capabilities and automated measurements can speed your
analysis. Quickly perform an FFT or add, subtract, or multiply waveforms.
Sixteen automated measurements quickly and reliably calculate important
signal characteristics such as frequency or rise time, while the built-in Limit
Test function enables you to easily identify problems in your signal.
Quickly perform an FFT with the advanced math functions
Designed to make your work easy
The TBS1000 series oscilloscopes are designed with the ease of use and
familiar operation you have come to expect from Tektronix.
Intuitive operation
The intuitive user interface with dedicated per-channel vertical controls,
auto-setup, and auto-ranging makes these instruments easy to use,
reducing learning time and increasing efficiency.
Help when you need it, where you need it
The context-sensitive help system provides important information specific to the task you
are working on
The built-in Help menu provides you with important information on your
oscilloscope's features and functions. Help is provided in the same
languages as the user interface.
Probe check wizard
Check out your probe compensation before making measurements with just
one button that starts a fast, easy procedure.
Datasheet
2 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12