Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTSF3203 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MTSF3203
Description  SINGLE TMOS POWER MOSFET 4.9 AMPERES 20 VOLTS RDS(on) = 0.05 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF3203 Fiches technique(HTML) 6 Page - Motorola, Inc

  MTSF3203 Datasheet HTML 1Page - Motorola, Inc MTSF3203 Datasheet HTML 2Page - Motorola, Inc MTSF3203 Datasheet HTML 3Page - Motorola, Inc MTSF3203 Datasheet HTML 4Page - Motorola, Inc MTSF3203 Datasheet HTML 5Page - Motorola, Inc MTSF3203 Datasheet HTML 6Page - Motorola, Inc MTSF3203 Datasheet HTML 7Page - Motorola, Inc MTSF3203 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTSF3203
6
Motorola TMOS Power MOSFET Transistor Device Data
TAPE & REEL INFORMATION
Micro8
Dimensions are shown in millimeters (inches)
FEED DIRECTION
SECTION A–A
NOTES:
1. CONFORMS TO EIA–481–1.
2. CONTROLLING DIMENSION: MILLIMETER.
PIN
NUMBER 1
NOTES:
1. CONFORMS TO EIA–481–1.
2. CONTROLLING DIMENSION: MILLIMETER.
3. INCLUDES FLANGE DISTORTION AT OUTER EDGE.
4. DIMENSION MEASURED AT INNER HUB.
12.30
4.10 (.161)
11.70
(.484)
(.461)
1.85 (.072)
3.90 (.154)
2.05 (.080)
1.95 (.077)
BB
A
A
8.10 (.318)
7.90 (.312)
5.55 (.218)
5.45 (.215)
1.65 (.065)
1.60 (.063)
1.50 (.059)
1.60 (.063)
1.50 (.059)
TYP.
0.35 (.013)
0.25 (.010)
3.50 (.137)
3.30 (.130)
1.50 (.059)
1.30 (.052)
SECTION B–B
5.40 (.212)
5.20 (.205)
330.0
(13.20)
MAX.
50.0
(1.97)
MIN.
14.4 (.57)
12.4 (.49)
NOTE 4
18.4 (.724)
MAX.
NOTE 3
13.2 (.52)
12.8 (.50)



Html Pages

1 2 3 4 5 6 7 8