Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1352 Fiches technique(PDF) 2 Page - Alpha Industries

No de pièce SMP1352
Description  Large Signal Switching Plastic Packaged PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALPHA [Alpha Industries]
Site Internet  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1352 Fiches technique(HTML) 2 Page - Alpha Industries

  SMP1352 Datasheet HTML 1Page - Alpha Industries SMP1352 Datasheet HTML 2Page - Alpha Industries SMP1352 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
Large Signal Switching Plastic Packaged PIN Diodes
SMP1352 Series
Series Resistance vs. Current @ 100 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
100
Forward Current (mA)
Capacitance vs. Reverse Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1
2
5
10
20
50
100
Reverse Voltage (V)
1 MHz
100 MHz
1 GHz
DC Characteristic
0.01
0.1
1
10
100
400
600
800
500
700
1000
900
Forward Voltage (mV)
Conductance vs. Frequency
and Reverse Voltage
0
50
100
150
200
250
300
0
500
1000
1500
2000
Frequency (MHz)
0 V
10 V
40 V
Typical Performance Data
RR
R
R
R
IF
-55°C
-15°C
+25°C
+65°C
+100°C
(mA)
(
Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
260.00
276.00
302.00
263.00
240.00
0.10
60.90
64.00
70.60
71.00
70.10
0.30
22.40
23.60
26.00
27.80
28.20
1.00
7.90
8.50
9.20
10.30
10.70
10.00
1.50
1.70
1.90
2.20
2.30
20.00
1.10
1.20
1.30
1.60
1.70
100.00
0.55
0.69
0.78
0.98
1.03
Resistance vs. Temperature @ 100 MHz



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com