Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTCC2M00G53-R0 Fiches technique(PDF) 10 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTCC2M00G53-R0
Description  Ceramic Resonator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC2M00G53-R0 Fiches technique(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC2M00G53-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCC2M00G53-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
8
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
(Note 1)
The relationship between the size of the resonator
and the resonant frequency is described as follows.
For example, the frequency doubles if the thickness
doubles, when thickness vibration is used.
The following relationship is obtained when the
length of the resonators is ℓ, the resonance
frequency is Fr, the speed of sound waves travelling
through piezoelectric ceramics, and the wavelength
is λ.
Fr. ℓ = Const.
(frequency constant, Fr.t for the thickness)
λ = 2 ℓ
C = Fr.λ = 2Fr. ℓ
As seen in the above formula, the frequency
constant determines the size of the resonator.
(Note 2)
In Fig. 2-3, when resistance R1 is omitted for
simplification, the impedance Z (ω) between two
terminals is expressed by the following formula.
2
Fig. Ⅰ
2 Principles of CERALOCK®
Amplitude
Range of
Standing
Wave
(Min.Amplitude) (Max.Amplitude)
Fig. Ⅱ
L1
C1
C0
1
jωC0
( jωL1+
)
Z (ω) =
When ω =
1
jωC1
1
jωC0
+ ( jωL1+
)
1
jωC1
j ( ωL1 –
)
=
= ωr, Z (ωr) =0
1
ωC1
1 +
– ω2 C0L1
C0
C1
1
L1C1
1
2π L1C1
When ω =
Therefore from ω =2πF,
Fr = ωr/2π =
1
2π C0C1L1/(C0+C1)
Fa = ωa/2π =
= Fr 1+
= ωa, Z (ωa) = ∞
1
C0C1L1/(C0+C1)
C1
C0
Notes
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32