Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5160BRJZ10-R22 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5160BRJZ10-R22
Description  256-Position SPI-Compatible Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJZ10-R22 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5160BRJZ10-R22 Datasheet HTML 3Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 4Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 5Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 6Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 7Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 8Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 9Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 10Page - Analog Devices AD5160BRJZ10-R22 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD5160
Rev. B | Page 7 of
16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
CS
SDI
1
2
3
4
5
8
7
6
W
VDD
GND
CLK
TOP VIEW
(Not to Scale)
AD5160
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin
Mnemonic
Description
1
W
W Terminal.
2
VDD
Positive Power Supply.
3
GND
Digital Ground.
4
CLK
Serial Clock Input. Positive edge triggered.
5
SDI
Serial Data Input.
6
CS
Chip Select Input, Active Low. When CS returns high, data loads into the DAC register.
7
B
B Terminal.
8
A
A Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16