Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GAL22V10D-25LS Fiches technique(PDF) 13 Page - Lattice Semiconductor

No de pièce GAL22V10D-25LS
Description  All Devices Discontinued
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25LS Fiches technique(HTML) 13 Page - Lattice Semiconductor

Back Button GAL22V10D-25LS Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 10Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 15Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 16Page - Lattice Semiconductor GAL22V10D-25LS Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Specifications GAL22V10
11
fmax with Internal Feedback 1/(tsu+tcf)
Note: f
max with external feedback is cal-
culated from measured tsu and tco.
fmax with External Feedback 1/(tsu+tco)
Note: t
cf is a calculated value, derived by sub-
tracting tsu from the period of fmax w/internal
feedback (tcf = 1/fmax - tsu). The value of tcf is
used primarily when calculating the delay from
clocking a register to a combinatorial output
(through registered feedback), as shown above.
For example, the timing from clock to a combi-
natorial output is equal to tcf + tpd.
fmax with No Feedback
Note: f
max with no feedback may be less
than 1/(twh + twl). This is to allow for a
clock duty cycle of other than 50%.
R EGI ST ER
L OGIC
AR R AY
tco
tsu
CL K
REGISTER
LOGIC
ARRAY
CLK
tsu + th
CLK
REGISTER
LOGIC
ARRAY
tcf
tpd
fmax Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23