| Moteur de recherche de fiches techniques de composants électroniques |
|
AX1000 Fiches technique(PDF) 14 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX1000 Fiches technique(HTML) 14 Page - Microsemi Corporation |
|
14 / 262 page ![]() General Description 1- 8 R ev isio n 1 8 Up to four individual signals can be brought out to dedicated probe pins (PRA/B/C/D) on the device. The probe circuitry is accessed and controlled via Silicon Explorer II, Microsemi's integrated verification and logic analysis tool that attaches to the serial port of a PC and communicates with the FPGA via the JTAG port (See "Silicon Explorer II Probe Interface" on page 2-109). Summary Microsemi’s Axcelerator family of FPGAs extends the successful SX-A architecture, adding embedded RAM/FIFOs, PLLs, and high-speed I/Os. With the support of a suite of robust software tools, design engineers can incorporate high gate counts and fixed pins into an Axcelerator design yet still achieve high performance and efficient device utilization. Related Documents Application Notes Simultaneous Switching Noise and Signal Integrity http://www.microsemi.com/soc/documents/SSN_AN.pdf Axcelerator Family PLL and Clock Management http://www.microsemi.com/soc/documents/AX_PLL_AN.pdf Implementation of Security in Actel Antifuse FPGAs http://www.microsemi.com/soc/documents/Antifuse_Security_AN.pdf User’s Guides and Manuals Antifuse Macro Library Guide http://www.microsemi.com/soc/documents/libguide_UG.pdf SmartGen, FlashROM, Analog System Builder, and Flash Memory System Builder http://www.microsemi.com/soc/documents/genguide_ug.pdf Silicon Sculptor II User’s Guide http://www.microsemi.com/soc/documents/silisculptII_sculpt3_ug.pdf White Paper Design Security in Nonvolatile Flash and Antifuse FPGAs http://www.microsemi.com/soc/documents/DesignSecurity_WP.pdf Understanding Actel Antifuse Device Security http://www.microsemi.com/soc/documents/DesignSecurity_WP.pdf Miscellaneous Libero IDE flow diagram http://www.microsemi.com/soc/products/tools/libero/flow.html |