Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 153 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 153 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 149Page - Microsemi Corporation AX500 Datasheet HTML 150Page - Microsemi Corporation AX500 Datasheet HTML 151Page - Microsemi Corporation AX500 Datasheet HTML 152Page - Microsemi Corporation AX500 Datasheet HTML 153Page - Microsemi Corporation AX500 Datasheet HTML 154Page - Microsemi Corporation AX500 Datasheet HTML 155Page - Microsemi Corporation AX500 Datasheet HTML 156Page - Microsemi Corporation AX500 Datasheet HTML 157Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 27
FG484
AX500 Function
Pin
Number
Bank 0
IO00NB0F0
E3
IO00PB0F0
D3
IO01NB0F0
E7
IO01PB0F0
E6
IO02NB0F0
C5
IO02PB0F0
C4
IO03NB0F0
D7
IO03PB0F0
D6
IO04NB0F0
B5
IO04PB0F0
B4
IO05NB0F0
C7
IO05PB0F0
C6
IO06NB0F0
A5
IO06PB0F0
A4
IO07NB0F0
A7
IO07PB0F0
A6
IO08NB0F0
B7
IO08PB0F0
B6
IO10NB0F0
B9
IO10PB0F0
B8
IO11NB0F0
E9
IO11PB0F0
E8
IO12NB0F1
D9
IO12PB0F1
D8
IO13NB0F1
C9
IO13PB0F1
C8
IO14NB0F1
A9
IO14PB0F1
A8
IO15NB0F1
B10
IO15PB0F1
A10
IO16NB0F1
B12
IO16PB0F1
B11
IO18NB0F1
C13
IO18PB0F1
C12
IO19NB0F1/HCLKAN
E11
IO19PB0F1/HCLKAP
E10
IO20NB0F1/HCLKBN
D12
IO20PB0F1/HCLKBP
D11
Bank 1
IO21NB1F2/HCLKCN
F13
IO21PB1F2/HCLKCP
F12
IO22NB1F2/HCLKDN
E14
IO22PB1F2/HCLKDP
E13
IO24NB1F2
A14
IO24PB1F2
A13
IO25NB1F2
B14
IO25PB1F2
B13
IO26NB1F2
C15
IO27NB1F2
A16
IO27PB1F2
A15
IO28NB1F2
B16
IO28PB1F2
B15
IO29NB1F2
D16
IO29PB1F2
D15
IO30NB1F2
A18
IO30PB1F2
A17
IO31NB1F2
F15
IO31PB1F2
F14
IO32NB1F3
C17
IO32PB1F3
C16
IO33NB1F3
E16
IO33PB1F3
E15
IO34NB1F3
B18
IO34PB1F3
B17
IO35NB1F3
B19
IO35PB1F3
A19
IO36NB1F3
C19
IO36PB1F3
C18
IO37NB1F3
F18
FG484
AX500 Function
Pin
Number
IO37PB1F3
F17
IO38NB1F3
D18
IO38PB1F3
E17
IO39NB1F3
E21
IO39PB1F3
D21
IO40NB1F3
E20
IO40PB1F3
D20
IO41NB1F3
G16
IO41PB1F3
G15
Bank 2
IO42NB2F4
F19
IO42PB2F4
E19
IO43NB2F4
J16
IO43PB2F4
H16
IO44NB2F4
E22
IO44PB2F4
D22
IO45NB2F4
H19
IO45PB2F4
G19
IO46NB2F4
G22
IO46PB2F4
F22
IO47NB2F4
J17
IO47PB2F4
H17
IO48NB2F4
G20
IO48PB2F4
F20
IO49NB2F4
J18
IO49PB2F4
H18
IO50NB2F4
G21
IO50PB2F4
F21
IO51NB2F4
K19
IO51PB2F4
J19
IO52NB2F5
J21
IO52PB2F5
H21
IO53NB2F5
J20
IO53PB2F5
H20
IO54NB2F5
J22
FG484
AX500 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More