Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX500 Fiches technique(PDF) 150 Page - Microsemi Corporation

No de pièce AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Fiches technique(HTML) 150 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 146Page - Microsemi Corporation AX500 Datasheet HTML 147Page - Microsemi Corporation AX500 Datasheet HTML 148Page - Microsemi Corporation AX500 Datasheet HTML 149Page - Microsemi Corporation AX500 Datasheet HTML 150Page - Microsemi Corporation AX500 Datasheet HTML 151Page - Microsemi Corporation AX500 Datasheet HTML 152Page - Microsemi Corporation AX500 Datasheet HTML 153Page - Microsemi Corporation AX500 Datasheet HTML 154Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 262 page
background image
Package Pin Assignments
3- 24
R e v i sio n 1 8
IO104PB6F6
N4
IO105NB6F6
M5
IO105PB6F6
N5
IO106NB6F6
M3
IO106PB6F6
N3
Bank 7
IO107NB7F7
M2
IO107PB7F7
N1
IO108NB7F7
L3
IO108PB7F7
L2
IO109NB7F7
K2
IO109PB7F7
K1
IO110NB7F7
K5
IO110PB7F7
L5
IO111NB7F7
K6
IO111PB7F7
L6
IO112NB7F7
K4
IO112PB7F7
K3
IO113NB7F7
K7
IO113PB7F7
L7
IO114NB7F7
H1
IO114PB7F7
J1
IO115NB7F7
H2
IO115PB7F7
J2
IO116NB7F7
H4
IO116PB7F7
J4
IO117NB7F7
H5
IO117PB7F7
J5
IO118NB7F7
F2
IO118PB7F7
G2
IO119NB7F7
H6
IO119PB7F7
J6
IO120NB7F7
F1
IO120PB7F7
G1
IO121NB7F7
F4
IO121PB7F7
G4
FG484
AX250 Function
Pin Number
IO122NB7F7
G5
IO122PB7F7
G6
IO123NB7F7
F5
IO123PB7F7
E4
Dedicated I/O
VCCDA
H7
GND
A1
GND
A11
GND
A12
GND
A2
GND
A21
GND
A22
GND
AA1
GND
AA2
GND
AA21
GND
AA22
GND
AB1
GND
AB11
GND
AB12
GND
AB2
GND
AB21
GND
AB22
GND
B1
GND
B2
GND
B21
GND
B22
GND
C20
GND
C3
GND
D19
GND
D4
GND
E18
GND
E5
GND
G18
GND
H15
GND
H8
GND
J14
FG484
AX250 Function
Pin Number
GND
J9
GND
K10
GND
K11
GND
K12
GND
K13
GND
L1
GND
L10
GND
L11
GND
L12
GND
L13
GND
L22
GND
M1
GND
M10
GND
M11
GND
M12
GND
M13
GND
M22
GND
N10
GND
N11
GND
N12
GND
N13
GND
P14
GND
P9
GND
R15
GND
R8
GND
U16
GND
U6
GND
V18
GND
V5
GND
W19
GND
W4
GND
Y20
GND
Y3
GND/LP
G7
NC
A17
NC
A18
FG484
AX250 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More