| Moteur de recherche de fiches techniques de composants électroniques |
|
AX1000 Fiches technique(PDF) 94 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX1000 Fiches technique(HTML) 94 Page - Microsemi Corporation |
|
94 / 262 page ![]() Detailed Specifications 2- 80 R e v i sio n 1 8 Table 2-83 • South PLL Connections CLK1 CLK2 CLK1 Routed net CLK1 Unused CLK2 CLK1 CLK2 Routed net CLK2 Both CLK1 and routed net CLK2 Unused Unused CLK1 Unused Routed net Unused Both CLK1 and routed net Unused Unused Routed net CLK1 Routed net Unused Both CLK1 and CLK2 Routed net Both CLK1 and CLK2 Unused Both CLK1 and routed net Unusable Both CLK2 and routed net CLK1 Both CLK2 and routed net Unused CLK1, CLK2, and routed net Unusable Note: Designer software currently does not support all of these connections. Only exclusive connections where one output connects to a single net are supported at this time (e.g., CLK1 driving both CLK1 and CLK2 is not supported). |