Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX250 Fiches technique(PDF) 199 Page - Microsemi Corporation

No de pièce AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Fiches technique(HTML) 199 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 195Page - Microsemi Corporation AX250 Datasheet HTML 196Page - Microsemi Corporation AX250 Datasheet HTML 197Page - Microsemi Corporation AX250 Datasheet HTML 198Page - Microsemi Corporation AX250 Datasheet HTML 199Page - Microsemi Corporation AX250 Datasheet HTML 200Page - Microsemi Corporation AX250 Datasheet HTML 201Page - Microsemi Corporation AX250 Datasheet HTML 202Page - Microsemi Corporation AX250 Datasheet HTML 203Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 73
IO51PB1F4
J20
IO52NB1F4
B20
IO52PB1F4
A20
IO53NB1F4
F20
IO53PB1F4
E20
IO54NB1F5
B21
IO54PB1F5
A21
IO55NB1F5
K21
IO55PB1F5
J21
IO56NB1F5
D21
IO56PB1F5
C21
IO57NB1F5
G22
IO57PB1F5
G21
IO58NB1F5
E22
IO58PB1F5
E21
IO59NB1F5
D22
IO59PB1F5
C22
IO60NB1F5
B23
IO60PB1F5
A23
IO61NB1F5
H22
IO61PB1F5
H21
IO62NB1F5
C24
IO62PB1F5
C23
IO63NB1F5
F23
IO63PB1F5
F22
IO64NB1F6
B24
IO64PB1F6
A24
IO65NB1F6
J22
IO65PB1F6
K22
IO66NB1F6
B25
IO66PB1F6
A25
IO67NB1F6
K23
IO67PB1F6
J23
IO68NB1F6
F24
IO68PB1F6
E24
FG1152
AX2000 Function
Pin
Number
IO69NB1F6
C27
IO69PB1F6
C26
IO70NB1F6
H24
IO70PB1F6
G24
IO71NB1F6
H23
IO71PB1F6
G23
IO72NB1F6
B28
IO72PB1F6
A28
IO73NB1F6
E26
IO73PB1F6
E25
IO74NB1F6
F26
IO74PB1F6
F25
IO75NB1F6
K25
IO75PB1F6
K24
IO76NB1F7
D27
IO76PB1F7
D26
IO77NB1F7
B29
IO77PB1F7
A29
IO78NB1F7
D28
IO78PB1F7
C28
IO79NB1F7
H25
IO79PB1F7
G25
IO80NB1F7
F27
IO80PB1F7
E27
IO81NB1F7
J25
IO81PB1F7
J24
IO82NB1F7
D29
IO82PB1F7
C29
IO83NB1F7
H26
IO83PB1F7
G26
IO84NB1F7
F28
IO84PB1F7
E28
IO85NB1F7
H27
IO85PB1F7
G27
Bank 2
FG1152
AX2000 Function
Pin
Number
IO86NB2F8
J28
IO86PB2F8
J27
IO87NB2F8
M25
IO87PB2F8
L25
IO88NB2F8
L26
IO88PB2F8
K26
IO89NB2F8
G31
IO89PB2F8
F31
IO90NB2F8
H29
IO90PB2F8
G29
IO91NB2F8
K28
IO91PB2F8
K27
IO92NB2F8
J30
IO92PB2F8
H30
IO93NB2F8
L28
IO93PB2F8
L27
IO94NB2F8
K29
IO94PB2F8
J29
IO95NB2F8
K31
IO95PB2F8
J31
IO96NB2F9
J32
IO96PB2F9
H32
IO97NB2F9
M27
IO97PB2F9
M26
IO98NB2F9
L30
IO98PB2F9
K30
IO99NB2F9
N25
IO99PB2F9
N26
IO100NB2F9
M29
IO100PB2F9
L29
IO101NB2F9
L33
IO101PB2F9
L32
IO102NB2F9
K34
IO102PB2F9
K33
IO103NB2F9
N28
FG1152
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More