Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX250 Fiches technique(PDF) 192 Page - Microsemi Corporation

No de pièce AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Fiches technique(HTML) 192 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 188Page - Microsemi Corporation AX250 Datasheet HTML 189Page - Microsemi Corporation AX250 Datasheet HTML 190Page - Microsemi Corporation AX250 Datasheet HTML 191Page - Microsemi Corporation AX250 Datasheet HTML 192Page - Microsemi Corporation AX250 Datasheet HTML 193Page - Microsemi Corporation AX250 Datasheet HTML 194Page - Microsemi Corporation AX250 Datasheet HTML 195Page - Microsemi Corporation AX250 Datasheet HTML 196Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 262 page
background image
Package Pin Assignments
3- 66
R e v i sio n 1 8
IO245PB5F23
AG8
IO246NB5F23
AD8
IO246PB5F23
AD9
IO247NB5F23
AG7
IO247PB5F23
AH7
IO248NB5F23
AK5
IO249NB5F23
AJ5
IO249PB5F23
AJ6
IO250NB5F23
AC8
IO250PB5F23
AC9
IO251NB5F23
AH6
IO251PB5F23
AG6
IO252NB5F23
AF6
IO252PB5F23
AF7
IO253NB5F23
AG2
IO253PB5F23
AG1
IO254NB5F23
AE7
IO254PB5F23
AE8
IO255NB5F23
AG5
IO255PB5F23
AH5
IO256NB5F23
AJ4
IO256PB5F23
AK4
Bank 6
IO257NB6F24
AE4
IO257PB6F24
AF4
IO258NB6F24
AB7
IO258PB6F24
AC7
IO259NB6F24
AD5
IO259PB6F24
AE5
IO260NB6F24
AF1
IO260PB6F24
AF2
IO261NB6F24
AF3
IO261PB6F24
AG3
IO262NB6F24
AC4
IO262PB6F24
AD4
FG896
AX2000 Function
Pin
Number
IO263NB6F24
AD3
IO263PB6F24
AE3
IO264NB6F24
AB6
IO264PB6F24
AC6
IO265NB6F24
AD1
IO265PB6F24
AE1
IO266NB6F24
AA8
IO266PB6F24
AB8
IO267NB6F25
AB5
IO267PB6F25
AC5
IO268NB6F25
AB3
IO268PB6F25
AC3
IO269NB6F25
AC2
IO269PB6F25
AD2
IO270NB6F25
Y7
IO270PB6F25
AA7
IO271NB6F25
AA4
IO271PB6F25
AB4
IO272NB6F25
Y6
IO272PB6F25
AA6
IO273NB6F25
AB1*
IO273PB6F25
AE2*
IO274NB6F25
W8
IO274PB6F25
Y8
IO275NB6F25
Y5
IO275PB6F25
AA5
IO277NB6F25
AA2
IO277PB6F25
AA1
IO278NB6F26
W6
IO278PB6F26
W7
IO279NB6F26
Y3
IO279PB6F26
Y4
IO280NB6F26
V8
IO280PB6F26
V9
IO281NB6F26
Y1
FG896
AX2000 Function
Pin
Number
IO281PB6F26
Y2
IO282NB6F26
V5
IO282PB6F26
W5
IO284NB6F26
V7
IO284PB6F26
V6
IO285NB6F26
W3
IO285PB6F26
W4
IO286NB6F26
U8
IO286PB6F26
U9
IO287NB6F26
W1
IO287PB6F26
W2
IO288NB6F26
U7
IO288PB6F26
U6
IO290NB6F27
U4
IO290PB6F27
V4
IO291NB6F27
U3
IO291PB6F27
V3
IO292NB6F27
T5
IO292PB6F27
U5
IO293NB6F27
U2
IO293PB6F27
V2
IO294NB6F27
T8
IO294PB6F27
T9
IO296NB6F27
T1
IO296PB6F27
U1
IO298NB6F27
T7
IO298PB6F27
T6
IO299NB6F27
R2
IO299PB6F27
T2
Bank 7
IO300NB7F28
R8
IO300PB7F28
R9
IO302NB7F28
R4
IO302PB7F28
R5
IO303NB7F28
P1
FG896
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More