Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX250 Fiches technique(PDF) 162 Page - Microsemi Corporation

No de pièce AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Fiches technique(HTML) 162 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 158Page - Microsemi Corporation AX250 Datasheet HTML 159Page - Microsemi Corporation AX250 Datasheet HTML 160Page - Microsemi Corporation AX250 Datasheet HTML 161Page - Microsemi Corporation AX250 Datasheet HTML 162Page - Microsemi Corporation AX250 Datasheet HTML 163Page - Microsemi Corporation AX250 Datasheet HTML 164Page - Microsemi Corporation AX250 Datasheet HTML 165Page - Microsemi Corporation AX250 Datasheet HTML 166Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 262 page
background image
Package Pin Assignments
3- 36
R e v i sio n 1 8
VCCPLA
F10
VCCPLB
G9
VCCPLC
D13
VCCPLD
G13
VCCPLE
U13
VCCPLF
T14
VCCPLG
W10
VCCPLH
T10
VCCDA
AB16
VCCDA
AB8
VCCDA
C10
VCCDA
C11
VCCDA
C14
VCCDA
D14
VCCDA
D5
VCCDA
F16
VCCDA
G12
VCCDA
L4
VCCDA
M18
VCCDA
T11
VCCDA
T17
VCCDA
U7
VCCDA
V14
VCCDA
V8
VCCIB0
A3
VCCIB0
B3
VCCIB0
H10
VCCIB0
H11
VCCIB0
H9
VCCIB1
A20
VCCIB1
B20
VCCIB1
H12
VCCIB1
H13
VCCIB1
H14
VCCIB2
C21
FG484
AX1000 Function
Pin
Number
VCCIB2
C22
VCCIB2
J15
VCCIB2
K15
VCCIB2
L15
VCCIB3
M15
VCCIB3
N15
VCCIB3
P15
VCCIB3
Y21
VCCIB3
Y22
VCCIB4
AA20
VCCIB4
AB20
VCCIB4
R12
VCCIB4
R13
VCCIB4
R14
VCCIB5
AA3
VCCIB5
AB3
VCCIB5
R10
VCCIB5
R11
VCCIB5
R9
VCCIB6
M8
VCCIB6
N8
VCCIB6
P8
VCCIB6
Y1
VCCIB6
Y2
VCCIB7
C1
VCCIB7
C2
VCCIB7
J8
VCCIB7
K8
VCCIB7
L8
VCOMPLA
D10
VCOMPLB
G10
VCOMPLC
E12
VCOMPLD
G14
VCOMPLE
W13
VCOMPLF
T13
FG484
AX1000 Function
Pin
Number
VCOMPLG
V11
VCOMPLH
T9
VPUMP
D17
FG484
AX1000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More