Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX250 Fiches technique(PDF) 156 Page - Microsemi Corporation

No de pièce AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Fiches technique(HTML) 156 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 152Page - Microsemi Corporation AX250 Datasheet HTML 153Page - Microsemi Corporation AX250 Datasheet HTML 154Page - Microsemi Corporation AX250 Datasheet HTML 155Page - Microsemi Corporation AX250 Datasheet HTML 156Page - Microsemi Corporation AX250 Datasheet HTML 157Page - Microsemi Corporation AX250 Datasheet HTML 158Page - Microsemi Corporation AX250 Datasheet HTML 159Page - Microsemi Corporation AX250 Datasheet HTML 160Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 262 page
background image
Package Pin Assignments
3- 30
R e v i sio n 1 8
IO163NB7F15
G5
IO163PB7F15
G6
IO164NB7F15
D1
IO164PB7F15
E1
IO165NB7F15
F4
IO165PB7F15
G4
IO166NB7F15
D2
IO166PB7F15
E2
IO167NB7F15
F5
IO167PB7F15
E4
Dedicated I/O
VCCDA
H7
GND
A1
GND
A11
GND
A12
GND
A2
GND
A21
GND
A22
GND
AA1
GND
AA2
GND
AA21
GND
AA22
GND
AB1
GND
AB11
GND
AB12
GND
AB2
GND
AB21
GND
AB22
GND
B1
GND
B2
GND
B21
GND
B22
GND
C20
GND
C3
GND
D19
FG484
AX500 Function
Pin
Number
GND
D4
GND
E18
GND
E5
GND
G18
GND
H15
GND
H8
GND
J14
GND
J9
GND
K10
GND
K11
GND
K12
GND
K13
GND
L1
GND
L10
GND
L11
GND
L12
GND
L13
GND
L22
GND
M1
GND
M10
GND
M11
GND
M12
GND
M13
GND
M22
GND
N10
GND
N11
GND
N12
GND
N13
GND
P14
GND
P9
GND
R15
GND
R8
GND
U16
GND
U6
GND
V18
FG484
AX500 Function
Pin
Number
GND
V5
GND
W19
GND
W4
GND
Y20
GND
Y3
GND/LP
G7
NC
AB8
NC
AB16
NC
C10
NC
C11
NC
C14
PRA
G11
PRB
F11
PRC
T12
PRD
U12
TCK
G8
TDI
F9
TDO
F7
TMS
F6
TRST
F8
VCCA
G17
VCCA
J10
VCCA
J11
VCCA
J12
VCCA
J13
VCCA
J7
VCCA
K14
VCCA
K9
VCCA
L14
VCCA
L9
VCCA
M14
VCCA
M9
VCCA
N14
VCCA
N9
VCCA
P10
FG484
AX500 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More