| Moteur de recherche de fiches techniques de composants électroniques |
|
AX250 Fiches technique(PDF) 144 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX250 Fiches technique(HTML) 144 Page - Microsemi Corporation |
|
144 / 262 page ![]() Package Pin Assignments 3- 18 R e v i sio n 1 8 IO50NB4F4/CLKFN U9 IO50PB4F4/CLKFP U10 Bank 5 IO51NB5F5/CLKGN R8 IO51PB5F5/CLKGP R9 IO52NB5F5/CLKHN T7 IO52PB5F5/CLKHP T8 IO53NB5F5 U6 IO53PB5F5 U7 IO54NB5F5 V8 IO54PB5F5 V9 IO55NB5F5 V6 IO55PB5F5 V7 IO56NB5F5 U4 IO56PB5F5 U5 IO57NB5F5 T4 IO57PB5F5 T5 IO58NB5F5 V4 IO58PB5F5 V5 IO59NB5F5 V2 IO59PB5F5 V3 Bank 6 IO60NB6F6 P5 IO60PB6F6 P6 IO61NB6F6 T2 IO61PB6F6 U3 IO62NB6F6 T1 IO62PB6F6 U1 IO63NB6F6 P1 IO63PB6F6 R1 IO64NB6F6 R3 IO64PB6F6 P3 IO65NB6F6 P2 IO65PB6F6 R2 IO66NB6F6 M3 FG324 AX125 Function Pin Number IO66PB6F6 N3 IO67NB6F6 M2 IO67PB6F6 N2 IO68NB6F6 M1 IO68PB6F6 N1 IO69NB6F6 K4 IO69PB6F6 L4 IO70NB6F6 K1 IO70PB6F6 L1 IO71NB6F6 K3 IO71PB6F6 L3 Bank 7 IO72NB7F7 H4 IO72PB7F7 J4 IO73NB7F7 K2 IO73PB7F7 L2 IO74NB7F7 H2 IO74PB7F7 H1 IO75NB7F7 H3 IO75PB7F7 J3 IO76NB7F7 F2 IO76PB7F7 G2 IO77NB7F7 F1 IO77PB7F7 G1 IO78NB7F7 D2 IO78PB7F7 E2 IO79NB7F7 F3 IO79PB7F7 G3 IO80NB7F7 E3 IO80PB7F7 E4 IO81NB7F7 D1 IO81PB7F7 E1 IO82NB7F7 D3 IO82PB7F7 C2 IO83NB7F7 B1 FG324 AX125 Function Pin Number IO83PB7F7 C1 Dedicated I/O VCCDA F5 GND A1 GND A18 GND B17 GND B2 GND C16 GND C3 GND E16 GND F13 GND F6 GND G12 GND G7 GND H10 GND H11 GND H8 GND H9 GND J10 GND J11 GND J8 GND J9 GND K10 GND K11 GND K8 GND K9 GND L10 GND L11 GND L8 GND L9 GND M12 GND M7 GND N13 GND N6 GND R14 FG324 AX125 Function Pin Number |