| Moteur de recherche de fiches techniques de composants électroniques |
|
APT10035LFLL Fiches technique(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT10035LFLL Fiches technique(HTML) 3 Page - Microsemi Corporation |
|
3 / 5 page ![]() 0 5 10 15 20 25 30 0 2 4 6 8 10 0 10 20 30 40 50 60 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 80 70 60 50 40 30 20 10 0 30 25 20 15 10 5 0 2.5 2.0 1.5 1.0 0.5 0.0 60 50 40 30 20 10 0 1.40 1.30 1.20 1.10 1.00 0.90 0.80 1.15 1.10 1.05 1.00 0.95 0.90 0.85 1.2 1.1 1.0 0.9 0.8 0.7 0.6 5.5V 6V 6.5V 7V 5V VGS =15,10 & 8V VGS=10V VGS=20V TJ = +125°C TJ = +25°C TJ = -55°C VDS> ID (ON) x RDS (ON)MAX. 250 µSEC. PULSE TEST @ <0.5 % DUTY CYCLE APT10035B2FLL - LFLL Typical Performance Curves V DS , DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL FIGURE 3, LOW VOLTAGE OUTPUT CHARACTERISTICS V GS , GATE-TO-SOURCE VOLTAGE (VOLTS) I D , DRAIN CURRENT (AMPERES) FIGURE 4, TRANSFER CHARACTERISTICS FIGURE 5, R DS (ON) vs DRAIN CURRENT T C , CASE TEMPERATURE (°C) T J , JUNCTION TEMPERATURE (°C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE T J , JUNCTION TEMPERATURE (°C) T C , CASE TEMPERATURE (°C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE 0.0271 0.0656 0.0859 0.00899F 0.0202F 0.293F Power (Watts) Junction temp. ( ”C) RC MODEL Case temperature NORMALIZED TO V GS = 10V @ 14A I D = 14A V GS = 10V |