Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373VC Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STM32F373VC
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373VC Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STM32F373VC Datasheet HTML 35Page - STMicroelectronics STM32F373VC Datasheet HTML 36Page - STMicroelectronics STM32F373VC Datasheet HTML 37Page - STMicroelectronics STM32F373VC Datasheet HTML 38Page - STMicroelectronics STM32F373VC Datasheet HTML 39Page - STMicroelectronics STM32F373VC Datasheet HTML 40Page - STMicroelectronics STM32F373VC Datasheet HTML 41Page - STMicroelectronics STM32F373VC Datasheet HTML 42Page - STMicroelectronics STM32F373VC Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
DocID022691 Rev 4
39/131
STM32F37xxx
Pinouts and pin description
47
77
A9
50 38
PA15
I/O
FTf
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
I2C1_SCL, TIM2_CH1_ETR,
TIM12_CH2, TSC_SYNC, JTDI
78
B11 51
PC10
I/O
FT
(1) SPI3_SCK/I2S3_CK,
USART3_TX, TIM19_CH1
79 C10 52
PC11
I/O
FT
(1) SPI3_MISO/I2S3_MCK,
USART3_RX, TIM19_CH2
80
B10 53
PC12
I/O
FT
(1) SPI3_MOSI/I2S3_SD,
USART3_CK, TIM19_CH3
81
C9
PD0
I/O
FT
(1) CAN_RX, TIM19_CH4
82
B9
PD1
I/O
FT
(1) CAN_TX, TIM19_ETR
83
C8 54
PD2
I/O
FT
(1) TIM3_ETR
84
B8
PD3
I/O
FT
(1) SPI2_MISO/I2S2_MCK,
USART2_CTS
85
B7
PD4
I/O
FT
(1) SPI2_MOSI/I2S2_SD,
USART2_RTS
86
A6
PD5
I/O
FT
(1) USART2_TX
87
B6
PD6
I/O
FT
(1) SPI2_NSS/I2S2_WS,
USART2_RX
88
A5
PD7
I/O
FT
(1) SPI2_SCK/I2S2_CK,
USART2_CK
89
A8
55 39
PB3
I/O
FT
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
USART2_TX, TIM2_CH2,
TIM3_ETR, TIM4_ETR,
TIM13_CH1, TSC_G5_IO1,
JTDO-TRACESWO
90
A7
56 40
PB4
I/O
FT
SPI1_MISO/I2S1_MCK,
SPI3_MISO/I2S3_MCK,
USART2_RX, TIM16_CH1,
TIM3_CH1, TIM17_BKIN,
TIM15_CH1N, TSC_G5_IO2,
NJTRST
Table 11. STM32F37x pin definitions (continued)
Pin numbers
Pin name
(function
after reset)
Pin
type
Pin functions
Alternate function
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More