Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373RC Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STM32F373RC
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373RC Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STM32F373RC Datasheet HTML 31Page - STMicroelectronics STM32F373RC Datasheet HTML 32Page - STMicroelectronics STM32F373RC Datasheet HTML 33Page - STMicroelectronics STM32F373RC Datasheet HTML 34Page - STMicroelectronics STM32F373RC Datasheet HTML 35Page - STMicroelectronics STM32F373RC Datasheet HTML 36Page - STMicroelectronics STM32F373RC Datasheet HTML 37Page - STMicroelectronics STM32F373RC Datasheet HTML 38Page - STMicroelectronics STM32F373RC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 131 page
background image
DocID022691 Rev 4
35/131
STM32F37xxx
Pinouts and pin description
47
25
K3
16 12
PA2
I/O
TTa
COMP2_OUT,
SPI3_MISO/I2S3_MCK,
USART2_TX, TIM2_CH3,
TIM15_CH1, TIM5_CH3,
TIM19_CH3, TSC_G1_IO3
ADC_IN2,
COMP2_INM
26
L3
18 13
PA3
I/O
TTa
SPI3_MOSI/I2S3_SD,
USART2_RX, TIM2_CH4,
TIM15_CH2, TIM5_CH4,
TIM19_CH4, TSC_G1_IO4
ADC_IN3, COMP2_INP
27
E3
PF4
I/O
FT
(1)
28
H3 19 17
VDD_2
S
Digital power supply
29
M3 20 14
PA4
I/O
TTa
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK, TIM3_CH2,
TIM12_CH1, TSC_G2_IO1,
ADC_IN4, DAC1_OUT1
30
K4
21 15
PA5
I/O
TTa
SPI1_SCK/I2S1_CK, CEC,
TIM2_CH1_ETR, TIM14_CH1,
TIM12_CH2, TSC_G2_IO2
ADC_IN5, DAC1_OUT2
31
L4
22 16
PA6
I/O
TTa
SPI1_MISO/I2S1_MCK,
COMP1_OUT, TIM3_CH1,
TIM13_CH1, TIM16_CH1,
TSC_G2_IO3
ADC_IN6, DAC2_OUT1,
32
M4 23
PA7
I/O
TTa (1)
TSC_G2_IO4, TIM14_CH1,
SPI1_MOSI/I2S1_SD,
TIM17_CH1, TIM3_CH2,
COMP2_OUT
ADC_IN7
33
K5
24
PC4
I/O
TTa (1)
TIM13_CH1, TSC_G3_IO1,
USART1_TX
ADC_IN14
34
L5
25
PC5
I/O
TTa (1) TSC_G3_IO2, USART1_RX
ADC_IN15
35
M5 26 18
PB0
I/O
TTa
SPI1_MOSI/I2S1_SD,
TIM3_CH3, TSC_G3_IO3,
TIM3_CH2
ADC_IN8, SDADC1_AIN6P
36
M6 27 19
PB1
I/O
TTa
TIM3_CH4, TSC_G3_IO4
ADC_IN9, SDADC1_AIN5P,
SDADC1_AIN6M
37
L6
28 20
PB2
I/O
TC
(2)
SDADC1_AIN4P,
SDADC2_AIN6P
Table 11. STM32F37x pin definitions (continued)
Pin numbers
Pin name
(function
after reset)
Pin
type
Pin functions
Alternate function
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More