Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373C8 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32F373C8
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373C8 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32F373C8 Datasheet HTML 41Page - STMicroelectronics STM32F373C8 Datasheet HTML 42Page - STMicroelectronics STM32F373C8 Datasheet HTML 43Page - STMicroelectronics STM32F373C8 Datasheet HTML 44Page - STMicroelectronics STM32F373C8 Datasheet HTML 45Page - STMicroelectronics STM32F373C8 Datasheet HTML 46Page - STMicroelectronics STM32F373C8 Datasheet HTML 47Page - STMicroelectronics STM32F373C8 Datasheet HTML 48Page - STMicroelectronics STM32F373C8 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 131 page
background image
Table 15. Alternate functions for port PD
Pin Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PD0
EVENTOUT
TIM19_CH4
CAN_RX
PD1
EVENTOUT
TIM19_ETR
CAN_TX
PD2
EVENTOUT
TIM3_ETR
PD3
EVENTOUT
SPI2_MISO/I2S2_MCK
USART2_CTS
PD4
EVENTOUT
SPI2_MOSI/I2S2_SD
USART2_RTS
PD5
EVENTOUT
USART2_TX
PD6
EVENTOUT
SPI2_NSS/I2S2_WS
USART2_RX
PD7
EVENTOUT
SPI2_SCK/I2S2_CK
USART2_CK
PD8
EVENTOUT
TSC_G6_IO3
SPI2_SCK/I2S2_CK
USART3_TX
PD9
EVENTOUT
TSC_G6_IO4
USART3_RX
PD10
EVENTOUT
USART3_CK
PD11
EVENTOUT
USART3_CTS
PD12
EVENTOUT
TIM4_CH1
TSC_G8_IO1
USART3_RTS
PD13
EVENTOUT
TIM4_CH2
TSC_G8_IO2
PD14
EVENTOUT
TIM4_CH3
TSC_G8_IO3
PD15
EVENTOUT
TIM4_CH4
TSC_G8_IO4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More