Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F373CCT6 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STM32F373CCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CCT6 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STM32F373CCT6 Datasheet HTML 42Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 43Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 44Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 45Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 46Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 47Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 48Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 49Page - STMicroelectronics STM32F373CCT6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 131 page
background image
Table 16. Alternate functions for port PE
Pin Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PE0
EVENTOUT
TIM4_ETR
USART1_TX
PE1
EVENTOUT
USART1_RX
PE2
TRACECLK
EVENTOUT
TSC_G7_IO1
PE3
TRACED0
EVENTOUT
TSC_G7_IO2
PE4
TRACED1
EVENTOUT
TSC_G7_IO3
PE5
TRACED2
EVENTOUT
TSC_G7_IO4
PE6
TRACED3
EVENTOUT
PE7
EVENTOUT
PE8
EVENTOUT
PE9
EVENTOUT
PE10
EVENTOUT
PE11
EVENTOUT
PE12
EVENTOUT
PE13
EVENTOUT
PE14
EVENTOUT
PE15
EVENTOUT
USART3_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More