| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9801 Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9801 Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 30 page ![]() 2004 Microchip Technology Inc. DS21909B-page 23 MCP9800/1/2/3 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. 5-Lead SOT-23 XXNN 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN GMCP9803 M/SN0425 256 8-Lead MSOP Example: XXXXX YWWNNN G9803M 425256 Example: Part Number MCP9800 Part Number MCP9802 MCP9800A0T-M/OTG LDNN MCP9802A0T-M/OTG JKNN MCP9800A5T-M/OTG LJNN MCP9802A5T-M/OTG JRNN |