Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMLP36RGB2W3RA Fiches technique(PDF) 4 Page - Rohm

No de pièce SMLP36RGB2W3RA
Description  SMLP36 series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

SMLP36RGB2W3RA Fiches technique(HTML) 4 Page - Rohm

  SMLP36RGB2W3RA Datasheet HTML 1Page - Rohm SMLP36RGB2W3RA Datasheet HTML 2Page - Rohm SMLP36RGB2W3RA Datasheet HTML 3Page - Rohm SMLP36RGB2W3RA Datasheet HTML 4Page - Rohm SMLP36RGB2W3RA Datasheet HTML 5Page - Rohm SMLP36RGB2W3RA Datasheet HTML 6Page - Rohm SMLP36RGB2W3RA Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SMLP36 series
lTaping
lPart No. Construction
lPacking Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card
inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
(Unit : mm)
(note) Tolerance is within 0.1mm unless otherwise specified.
B
B'
←
←
↑
↑
A
A'
Descri pti on
φ 1 . 5 +0.1
0
4 ±0.1
±1
1 1 . 4
2 ±0.05
1 . 1 5 ±0.05
0 . 2 8
+ 0. 04
- 0. 03
2 ±0.05
φ 0 . 5 ±0.05
Packing quantity
5,000pcs/reel
Pull
directi on
G
R
B
B - B' c r o s s s e c t i o n a l v i e w
A - A' c r o s s s s e c t i o n a l v i e w
4/6
2013.09 - Rev.F



Html Pages

1 2 3 4 5 6 7